PART |
Description |
Maker |
AOB14N50 AOT14N50 AOTF14N50 |
500V, 14A N-Channel MOSFET
|
Alpha & Omega Semiconductors Alpha & Omega Semiconductor... Alpha & Omega Semicondu...
|
IRFP450 IRFP450PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.40ohm,身份证\u003d 14A条)
|
International Rectifier, Corp.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
FDPF13N50FT FDP13N50F |
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel MOSFET 500V, 12A, 0.54ヘ N-Channel MOSFET 500V, 12A, 0.54Ω
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDI12N50TU FDB12N50TM FDI12N50 FDB12N50 |
N-Channel MOSFET 500V, 11.5A, 0.65Ω N-Channel MOSFET 500V, 11.5A, 0.65楼? N-Channel MOSFET 500V, 11.5A, 0.65ヘ
|
Fairchild Semiconductor
|
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDH50N50 FDA50N50 |
500V N-Channel MOSFET 48 A, 500 V, 0.105 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel UniFET
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
IXFL350 IXFL18N50 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 14A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直|4A条(丁)|54 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 18A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 18A条(丁)|254
|
IXYS, Corp. Vicor, Corp.
|
JANTX2N6762 JANTXV2N6762 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
FDD5N50F |
N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ohms N-Channel MOSFET, FRFET 500V, 3.5A, 1.55ヘ N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ω
|
Fairchild Semiconductor
|
|